Part Number Hot Search : 
CM2334 67A42 ISL88021 63245 AK4185 75100 RL205 ASRD715
Product Description
Full Text Search
 

To Download 173DH1LP31000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 173D
DC Axial Fans
Series
80x80x20 mm
[ 3.15 x 0.79" ]
173D series are not available anymore.
Please consult factory: Tel.: +33 (0)2 54 23 14 54 Sales department: info@etrinet.com
Approvals
R
Brushless DC Motor Life expectancy
L-10 LIFE AT 40C: 50 000 hours Electrical protection: integrated circuit Housing material: plastic UL 94 VO Impeller material: plastic UL 94 VO Weight: 85 g
STATIC PRESSURE: mm H2O
3,0 2,5 2,0 1,5 1,0 0,5 0,0 0 5 10 15
173DH
AIRFLOW: I/s
Part number 173DH1LP31000 173DH2LP31000 Nominal Airflow Noise voltage level V l/s dB(A) 12 13,0 29 24 13,0 29 Nominal speed RPM 2800 2800 Input power W 2,6 3,1 Voltage range V (10,2-13,8) (20,4-27,6) Bearing system Connection type Operating temperature Ball Sleeve X X Leads Terminals X X Min. C - 10 - 10 Max. C 60 60
Accessories:
- Plastic finger guards P/N : PFG-80 and 81-53 - Metal finger guard P/N : 12601-43 - Plastic filter P/N : F80/T102 - Metal mesh filter P/N : 80-G
- Rubber mounts P/N : AM-10
ETRI
http://www.etrinet.com
e-mail: info@etrinet.com
ETRI is a trade mark of ECOFIT,
Non contractual document. Specifications are subject to change without prior notice. Pictures for information only. Edition N2/01-Rev.1


▲Up To Search▲   

 
Price & Availability of 173DH1LP31000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X